PART |
Description |
Maker |
SP8855 SP8855E |
2.8GHz Parallel Load Professional Synthesiser MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):10mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
HCS05DMSR FN3557 HCS05MS HCS05D HCS05HMSR HCS05K H |
Inverter, Hex, Open Drain, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system JFET-N-CHANNEL SWITCH Radiation Hardened Hex Inverter with Open Drain HC/UH SERIES, HEX 1-INPUT INVERT GATE, UUC14 JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-30V; Zero Gate Voltage Drain Current Min, Idss:50mA; Gate-Source Cutoff Voltage Max, Vgs(off):-10V; Current Rating:50mA; Voltage Rating:30V
|
INTERSIL[Intersil Corporation] Intersil, Corp. HARRIS SEMICONDUCTOR
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AMS5010KT AMS5010JT AMS5010NT AMS5010LN AMS5010HN |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:40A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 1.2V的电压基 1.2V VOLTAGE REFERENCE 1.2V的电压基
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
2SK1700 |
Drain Current ?ID= 5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK528 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1662 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1217 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1211 |
Drain Current ?ID=2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1465 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|